8-in-1 card reader smart card reader auto insertion dvd or slim cd 01 onyx series - medical display solutions features specifications note: all specifications are subject to change without notice. 01-55 19 true color high contrast 300 nits medical lcd integrated security smart card reader telemedicine solution integrated auto-inseration dvd solution worldwide medical safety and emc certified medical display terminal, 19 lcd with smart interface system os support ms dos, windows? 2000, windows? xp, windows? 7 storage disk drive slim dvd/cd x 1, 8-in-1 card reader x 1, smart card reader x 1 display size 19 resolution 1280 x 1024 max. colors 16.7m luminance 300 nits contrast ratio 2000:1 viewing angle 178(h)/178(v) back light mtbf (hours) 50,000 touch screen 5-wire resistive/ 2048 x 2048 (optional) i/o audio line-in usb external x 3 and internal x 2 signal vga x 1, dvi x 1 video av in x 1/ s-video in x 1 (optional) speaker speaker x 2 (2w) mechanical and environmental power requirement dc model: 12v dc operating temperature 32f ~ 104f (0c ~ 40c) storage temperature -4f ~ 140f (-20c ~ 60c) storage humidity 10% ~ 95% @35c, non-condensing mounting vesa 75/100 gross weight 19.58 lb (8.9 kg) net weight 15.62 lb (7.1 kg) emc ce/fcc class b, ul 60601-1, en 60601-1 on screen display control pad ONYX-219
01-56 dimension unit: mm tf-ONYX-219ht-a1-1010 ? smart medical display, 19 300 nits tft, dc 12, card reader, smart card reader tf-ONYX-219htt-a1-1010 ? tf-ONYX-219ht-a1 w/resistive touchscreen tf-ONYX-219ht-a2-1010 ? smart medical display, 19 300 nits tft, ac adapter, smart card reader, s-video tf-ONYX-219htt-a2-1010 ? tf-ONYX-219ht-a2 w/resistive touchscreen ordering information optional accessories tf-per-m00 ? slim auto insertion dvd rom, 8x, combo, white color tf-per-m03 ? slim auto insertion dvd-rw, white color per-m19 ? 3-level trolley per-m20 ? desktop stand with vesa 75/100, cool gray 3c ONYX-219
|